(2,54mm) .100" ica series www.samtec.com ica?320?sgt ica?624?zegg (2,54) .100 x no. of positions row spacing +(2,41) .095 except ? is + (2,54) .100 (7,64) .300 (10,16) .400 or (15,24) .600 (2,54) .100 (2,54) .100 x no. of spaces (2,54) .100 (3,43) .136 (1,32) .052 dia (0,51) .020 (4,32) .170 (8,86) .349 (13,77) .542 (0,89) .035 dia (1,32) .052 dia y z x (1,32) .052 dia (12,95) .510 (4,90) .193 (0,64) .025 sq plating option style option row spacing & no. of contacts specify from chart below mates with: apa ?w, ?zw = wire-wrap zw = low insertion force ?s, ?zs, ?za = printed circuit -zs & -za = low insertion force ?ze = elevated low insertion force ?308 ?314 ?316 ?318 ?320 ?322 ?324 ?328 ?422 ?624 ?628 ?632 ?640 ?648 ica option (leave blank for standard version) ? side & end stackable ? great for auto insertion ? open body design y tail (3,18) .125 (4,57) .180 * shorter wire-wrap tail lengths available. see option. x dia (0,51) .020 (0,51) .020 z (7,62) .300 (8,89) .350 lead style ?s or ?zs ?za no. of contacts 08 14 16 18 20 22 24 28 22 24 28 32 40 48 insertion depth = .125" (3,18) to .157" (3,99) style w component part no. = sc-1w1(1) style zw component part no. = ez-1w1(1) style w-2 component part no. = sc-1w1(2) style zw-2 component part no. = ez-1w1(2) style w-3 component part no. = sc-1w1(3) style zw-3 component part no. = ez-1w1(3) ?l op tion row space .300 (7,62) .400 (10,16) .600 (15,24) * 322 has no cross bar on one end. note: some sizes, styles and options are non-standard, non-returnable. insertion depth = .125" (3,18) to .170" (4,32) style ze component part no. = ez-2p3 insertion depth = .095" (2,41) to .145" (3,68): style s component part no. = sc-1p1 style zs component part no. = ez-1p1 style za component part no. = ez-6p1 option l component part no. = sc-1l1 or ez-1l1 gg = 30" (0,76m) gold contact, 10" (0,25m) gold shell gt = 30" (0,76m) gold contact, tin shell st = 10" (0,25m) gold contact, tin shell (styles ?s & ?zs only) requires style ?s or ?zs requires gt plating option ?l = locking socket for complete speci cations see www.samtec.com?ica insulator material: black glass filled polyester except -328 is lcp contact: becu shell: brass plating: au or sn over 50? ni flammability rating: ul 94v-o insulation resistance: 5000 m min temperature range: -55? to +105? with tin -55? to +125? with gold. withstanding voltage: 1000 vrms current rating: 1a contact resistance: 10m max lead size range: .015" (0,38mm) to .022" (0,56mm) dia and most ic leads insertion force: (single contact only) standard = 9 oz avg, 16 oz max; low insertion force = 2.5 oz avg, 5.5 oz max withdrawal force: (single contact only) standard = 2.5 oz avg, 1.5 oz min; low insertion force = 2.0 oz avg, 0.35 oz min lead-free solderable: wave only rohs compliant: ye s specifications locking lead available with ? and ?s. see option. ?3 = .260 (6,60) tail ?2 = .360 (9,14) tail wire-wrap option requires style ?w or ?zw specify desired suf x for shorter wire-wrap tail. automated insertion dip sockets f-210 supplement
|